| Zakładka z wyszukiwarką danych komponentów |
|
EP3SL50 Arkusz danych(PDF) 13 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3SL50 Arkusz danych(HTML) 13 Page - Altera Corporation |
|
13 / 341 page ![]() Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics 1–3 Electrical Characteristics © July 2010 Altera Corporation Stratix III Device Handbook, Volume 2 Recommended Operating Conditions This section lists the functional operation limits for AC and DC parameters for Stratix III devices. Table 1–3 lists the steady-state voltage and current values expected from Stratix III devices. All supplies are required to monotonically reach their full-rail values within tRAMP. Table 1–2. Maximum Allowed Overshoot During Transitions Symbol Parameter Condition Overshoot Duration as a % of High Time Unit Vi (AC) AC Input Voltage (1) 4 100.000 % 4.05 79.330 % 4.1 46.270 % 4.15 27.030 % 4.2 15.800 % 4.25 9.240 % 4.3 5.410 % 4.35 3.160 % 4.4 1.850 % 4.45 1.080 % 4.5 0.630 % 4.55 0.370 % 4.6 0.220 % 4.65 0.130 % 4.7 0.074 % 4.75 0.043 % 4.8 0.025 % 4.85 0.015 % Note to Table 1–2: (1) This input voltage is regardless of the V CCIO supply which is used to power up the input buffer. Table 1–3. Recommended Operating Conditions for Stratix III Devices (Part 1 of 2) Symbol Parameter Conditions Minimum Typical Maximum Unit V CCL Selectable core voltage power supply for internal logic and input buffers — 1.05 1.1 1.15 V Selectable core voltage power supply for internal logic and input buffers — 0.86 0.9 0.94 V V CC I/O registers power supply — 1.05 1.1 1.15 V V CCD_PLL PLL digital power supply — 1.05 1.1 1.15 V V CCA_PLL PLL analog power supply — 2.375 2.5 2.625 V V CCPT Power supply for the programmable power technology — 2.375 2.5 2.625 V |