| Zakładka z wyszukiwarką danych komponentów |
|
PACUSB-D2 Arkusz danych(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
PACUSB-D2 Arkusz danych(HTML) 3 Page - ON Semiconductor |
|
3 / 10 page ![]() PACUSB-D1/D2/D3 Rev. 2 | Page 3 of 10 | www.onsemi.com Ordering Information PART NUMBERING INFORMATION Standard Finish Lead-free Finish Pins R1 Value Package Ordering Part Number 1 Part Marking Ordering Part Number 1 Part Marking 15 Ω PACUSB-D2Y5 UDF2 PACUSB-D2Y5R DF2R 22 Ω PACUSB-D3Y5 UDF3 PACUSB-D3Y5R DF3R 5 33 Ω SOT23-5 PACUSB-D1Y5 UDF1 PACUSB-D1Y5R DF1R 15 Ω PACUSB-D2YB5 DF2 PACUSB-D2YB5R F2R 22 Ω PACUSB-D3YB5 DF3 PACUSB-D3YB5R F3R 5 33 Ω SC70-5 PACUSB-D1YB5 DF1 PACUSB-D1YB5R F1R Note 1: Parts are shipped in Tape & Reel form unless otherwise specified. Specifications ABSOLUTE MAXIMUM RATINGS PARAMETER RATING UNITS Storage Temperature Range -65 to +150 °C Power Dissipation per Resistor 100 mW Package Power Dissipation 200 mW Voltage on any pin (DC) 6 V STANDARD OPERATING CONDITIONS PARAMETER RATING UNITS Operating Temperature -40 to +85 °C |