Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PACDN045YB6R-R Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części PACDN045YB6R-R
Szczegółowy opis  Transient Voltage Suppressors and ESD Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN045YB6R-R Arkusz danych(HTML) 5 Page - ON Semiconductor

  PACDN045YB6R-R Datasheet HTML 1Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 2Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 3Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 4Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 5Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 6Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 7Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 8Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PACDN042/43/44/45/46
Rev. 4 | Page 5 of 24 | www.onsemi.com
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
C
Capacitance
T
A = 25°C, 2.5VDC, 1MHz
30
pF
I
R=10μA, TA = 25°C
5.5
V
V
RSO
Reverse Stand-off Voltage
I
R=1mA, TA = 25°C
6.1
V
I
LEAK
Leakage Current
V
IN=5.0VDC, TA = 25°C
1
100
nA
V
SIG
Small Signal Clamp Voltage
Positive Clamp
Negative Clamp
I = 10mA, T
A = 25°C
I = -10mA, T
A = 25°C
6.2
-0.4
6.8
-0.8
8
-1.2
V
V
V
ESD
ESD Withstand Voltage
Human Body Model, MIL-STD-883,
Method 3015
Contact Discharge per IEC 61000-4-2
standard
Note 1
Note 1
+30
+20
kV
kV
R
D
Diode Dynamic Resistance
Forward Conduction
Reverse Conduction
1.0
1.4
Ω
Ω
Note 1: ESD voltage applied between channel pins & ground, one pin at a time; all other channel pins open; all GND pins
grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24