| Zakładka z wyszukiwarką danych komponentów |
|
PACUSBVB-D2 Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
PACUSBVB-D2 Arkusz danych(HTML) 1 Page - ON Semiconductor |
|
1 / 9 page ![]() USB Downstream Port Terminator with VBUS ESD Protection PACUSBVB-D1/D2/D3 ©2010 SCILLC. All rights reserved. Publication Order Number: June 2010 – Rev. 2 PACUSBVBD1/D2/D3/D Features • A low-capacitance USB downstream port terminator, EMI filter, and transient over-voltage protector in a single surface-mounted package • ESD protection to ±20kV contact discharge, per MIL-STD-883D, Method 3015 • ESD protection to ±15kV contact discharge, per IEC 61000-4-2 International Standard • Provides ESD protection for the VBUS line • Compact SOT23-6 package saves board space and lowers manufacturing costs compared to discrete solutions • Capacitors matched to a precision exceeding the USB specification • Lead-free versions available Applications • ESD protection and termination of USB downstream ports • Desktop PCs • Notebooks • Set-top boxes • USB hubs Product Description The PACUSBVB-D1/D2/D3 is a single-channel USB downstream-port termination network. It integrates EMI/RFI filter components R1 and C1 as recommended by the USB specification, as well as the required 15kW pull-down resistors (R2) to GND. In addition, PACUSBVB-D1/D2/D3 provides a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). The device pins will safely dissipate ESD strikes of ±15kV, exceeding the maximum requirements of the IEC 61000-4-2 international standard. Using the MIL-STD-883D (Method 3015) specification for Human Body Model (HBM) ESD, all pins are protected from contact discharges to ±20kV. The PACUSBVB-D1/D2/D3 also features a fifth zener diode (cathode at pin 5) which provides ESD protection for the USB VBUS line. There are three options for the value of the series resistor R1: 15 Ω, 33Ω, and 22Ω. This series resistance, plus the USB driver output resistance, must be close to the USB cable’s characteristic impedance of 45W (each side) to minimize transmission line reflections. The PACUSBVB-D1/D2/D3 is housed in a 6-pin SOT23 package and is available with optional lead- free finishing. |
Podobny numer części - PACUSBVB-D2 |
|
Podobny opis - PACUSBVB-D2 |