| Zakładka z wyszukiwarką danych komponentów |
|
MF1S5009DA4 Arkusz danych(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF1S5009DA4 Arkusz danych(HTML) 27 Page - NXP Semiconductors |
|
27 / 32 page ![]() MF1S5009 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet PUBLIC Rev. 3 — 27 July 2010 189131 27 of 32 NXP Semiconductors MF1S5009 Mainstream contactless smart card IC 15. Abbreviations 16. References [1] MIFARE (Card) Coil Design Guide — Application note, BU-ID Document number 0117**1 [2] MIFARE Type Identification Procedure — Application note, BU-ID Document number 0184** [3] ISO/IEC 14443-2 — 2001 [4] ISO/IEC 14443-3 — 2001 [5] MIFARE & I-Code CL RC632 Multiple protocol contactless reader IC — Product data sheet [6] MIFARE and handling of UIDs — Application note, BU-ID Document number 1907** Table 24. Abbreviations and symbols Acronym Description ATQA Answer To reQuest, Type A CRC Cyclic Redundancy Check EEPROM Electrically Erasable Programmable Read-Only Memory FFC Film Frame Carrier IC Integrated Circuit LCR L = inductance, Capacitance, Resistance (LCR meter) LSB Least Significant Bit NAK Not AcKnowledge NUID Non-Unique IDentifier NV Non-Volatile memory PCD Proximity Coupling Device (Contactless Reader) PICC Proximity Integrated Circuit Card (Contactless Card) REQA REQuest command, Type A RF Radio Frequency RMS Root Mean Square SAK Select AcKnowledge, type A SECS-II SEMI Equipment Communications Standard part 2 TiW Titanium Tungsten UID Unique IDentifier WUPA Wake-Up Protocol type A 1. ** ... document version number |