| Zakładka z wyszukiwarką danych komponentów |
|
SC195EVB Arkusz danych(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC195EVB Arkusz danych(HTML) 2 Page - Semtech Corporation |
|
2 / 20 page ![]() SC195 2 Pin Configuration Marking Information Ordering Information Device Package SC195ULTRT(1)(2) MLPQ-UT8 1.5 x 1.5 SC195EVB Evaluation Board Notes: (1) Available in tape and reel only. A reel contains 3,000 devices. (2) Lead-free packaging only. Device is WEEE and RoHS compliant and halogen-free. TOP VIEW CTL3 OUT IN 7 LX 6 4 GND 5 8 2 CTL1 1 CTL2 3 CTL0 0J yw MLPQ-UT8; 1.5 x 1.5, 8 LEAD θ JA = 116°C/W Table 1 – Output Voltage Settings CTL3 CTL2 CTL1 CTL0 Vout 0 0 0 0 Shutdown 0 0 0 1 0.80 0 0 1 0 1.00 0 0 1 1 1.20 0 1 0 0 1.40 0 1 0 1 1.50 0 1 1 0 1.60 0 1 1 1 1.80 1 0 0 0 1.85 1 0 0 1 1.90 1 0 1 0 2.00 1 0 1 1 2.20 1 1 0 0 2.50 1 1 0 1 2.80 1 1 1 0 3.00 1 1 1 1 3.30 0J = SC195 yw = Date code |