| Zakładka z wyszukiwarką danych komponentów |
|
M1000-M10-R1206-HE Arkusz danych(PDF) 4 Page - GSI Group, Inc. |
|
|
|||||||||||||||||||||||||||||
M1000-M10-R1206-HE Arkusz danych(HTML) 4 Page - GSI Group, Inc. |
|
4 / 6 page ![]() System Specifications System Grating Period 20µm Signal Period 20µm System Resolution Fundamental resolution: Linear 20µm; Rotary 2500 - 16,384 CPR Interpolated resolution determined by customer electronics: Linear: 20µm - 0.078µm; rotary: 2,500 to 4.2M CPR Linear Accuracy* Better than ±1µm available; contact MicroE Better than ±3µm up to 130mm, ±5µm from 155mm to 1m, ±5µm per meter from 1m to 2m *Maximum peak to peak error over the specified movement when compared to a NIST-traceable laser interferometer standard, used at room temperature and with MicroE interpolation electronics. Rotary Accuracy* Scale O.D. Microradians Arc-Seconds 12.00mm ±100 ±21 19.05mm ±63 ±13 31.75mm ±38 ±7.8 57.15mm ±19 ±3.9 107.95mm ±10 ±2.1 *Based on ideal scale mounting concentricity Sensor Size W: 12.70mm 0.500" L: 20.57mm 0.810" H: 8.38mm 0.330" Operating and Electrical Specifications Power Supply 5VDC ±5% @ 60mA Temperature Operating: 0 to 70°C Storage: -20 to 70°C Humidity: 10 - 90% RH non-condensing EMI: Entire system is EMI/RFI protected Shock: 1500G 0.5ms half sine (Sensor) Sensor Weight: 2.7g (Sensor without cable) Cable: Double Shield. Diameter: 3.6mm (0.142”) Flex Life: 20 x 10 6 cycles @ 20mm bending radius Maximum Speed Scale Length/Diameter Maximum Speed* Linear All Lengths 7200mm/s Rotary 0.75” 8640 RPM 1.25” 5272 RPM 2.25” 2637 RPM 4.25” 1318 RPM *Assumes customer electronics have adequate bandwidth All Specifications are subject to change. All data is accurate to the best of our knowledge. MicroE Systems is not responsible for errors. Page 4 of 6 Analog Output Pins 7,8,14 and 15 20µm 20µm Typical 5VDC 90° Mercury 1000 Outputs 15-pin Standard Male D-sub connector PIN FUNCTION 1 Index Window- 2 Index Window+ 3 Reserved - do not connect 4 Reserved - do not connect 5 Reserved - do not connect 6 Reserved - do not connect 7 Cosine+ 8 Sine+ 9 Reserved - do not connect 10 Reserved - do not connect 11 Reserved - do not connect 12 +5VDC 13 Ground 14 Cosine- 15 Sine - 1V pp ±15% (Differential) Across 120 Ω resistor Index Window Pin 2 52.0 2.05 15.7 .62 PIN 1 PIN 8 PIN 9 PIN 15 Mechanical Information - Sensor and Connector Note: See interface drawing for important sensor mounting information. 1.47 .058 4.22 .166 6.91 .272 0.94 .037 3.4 .13 SENSOR MTG SURFACE A 2.03 .080 16.5 .650 2.11 .083 3.94 .155 8.5 .334 12.70 .500 10.29 .405 20.57 .810 THRU. 2X 2.69 .106 8.75 .345 6.2 .24 B C .142 [3.61] CABLE DIAMETER |