| Zakładka z wyszukiwarką danych komponentów |
|
6288FS Arkusz danych(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
6288FS Arkusz danych(HTML) 1 Page - Rohm |
|
1 / 8 page ![]() 445 Motor driver ICs Reversible motor driver BA6288FS The BA6288FS is a reversible-motor driver with a maximum output current of 1.0A. Two logic inputs allow four output modes: forward, reverse, stop (idling), and brake. A built-in power saving circuit suppresses current consumption when the motor is in stop mode. FApplications Compact, low-current DC motors and portable equipment such as camcorders FFeatures 1) Two logic inputs allow four output modes: forward, re- verse, stop (idling), and brake. 2) Built-in power saving circuit suppresses the stop mode current dissipation. 3) Output voltage can be set arbitrarily with the VREF pin. 4) Interfaces with TTL devices. 5) Built-in thermal shutdown circuit turns off all circuits when high IC junction temperature is detected. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions |
Podobny numer części - 6288FS |
|
Podobny opis - 6288FS |