Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA6780 Arkusz danych(PDF) 6 Page - Rohm

Numer części BA6780
Szczegółowy opis  2-channel driver for CD changers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA6780 Arkusz danych(HTML) 6 Page - Rohm

Back Button BA6780 Datasheet HTML 2Page - Rohm BA6780 Datasheet HTML 3Page - Rohm BA6780 Datasheet HTML 4Page - Rohm BA6780 Datasheet HTML 5Page - Rohm BA6780 Datasheet HTML 6Page - Rohm BA6780 Datasheet HTML 7Page - Rohm BA6780 Datasheet HTML 8Page - Rohm BA6780 Datasheet HTML 9Page - Rohm BA6780 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BA6780 / BA6780FP-Y
Optical disc ICs
Electrical characteristics (unless otherwise noted, Ta = 25
°C, VCC = 10V) ( ∗1 BA6780FP-Y)
Parameter
Quiescent current
Mute on voltage
Mute off voltage
Vref input voltage range
Vref pin current
PWM input high level voltage
PWM input low level voltage
PWM input high level current
PWM input low level current
<Electronic governor>
Output offset voltage
Max. pin-to-pin output voltage
Pin-to-pin output voltage 1-1
Pin-to-pin output voltage 1-2
Pin-to-pin output voltage 1-3
Pin-to-pin output voltage 1-4
Voltage gain of positive feedback amplifier
<Reversible driver>
Output saturation voltage
Pin-to-pin output voltage 2-1
Pin-to-pin output voltage 2-2
Pin-to-pin output voltage 2-3
Pin-to-pin output voltage 2-4
Output load fluctuation
<4.6V constant-voltage output>
Output voltage
Output load fluctuation (source)
Output load fluctuation (sink)
Symbol
Min.
Typ.
Max.
Unit
IQ
VCC1
4.0
8.0
16.0
mA
VIN
0
4V
IIN
VIH
3.5
VCC2
5.5
V
V
µA
VIL
1.0
V
V
IIH
0.02
100
1.0
µA
dB
IIL
−1.0
1.0
µA
VOF
VOM
−100
6.0
0
6.5
100
VOUR12
−5.2
−4.7
−4.2
VOUT11
4.2
4.7
5.2
VOUT13
−100
0
100
mV
mV
mV
VOUT14
−50
0
50
GVNF
20.5
22.0
23.5
VCESAT
VOUT21
4.5
1.0
2.1
5.0
5.5
VOUT22
−5.5
−5.0
−4.5
VOUT23
−50
0
50
VOUT24
−50
0
50
VOUT
200
400
mV
Vreg
4.35
4.85
4.60
V
V
V
V
V
V
V
VOSO
VOSI
−20
−5
520
mV
mV
mV
mV
Stop mode
Conditions
With VCC as the reference potential
Brake mode
Reverse mode
Forward mode
Stop mode
1mA source
1mA sink
Brake mode
Reverse mode
Forward mode
VIN
1=2.5V
IO=100mA
VIN2=2.5V
RO (current detector)=0.6
RL (load)=9
12, 13 open
17, 18pin open
1
With VCC as the reference potential
RL (load)=9
Ω, RO (current detector)=0.6Ω
RL (load)=9
Ω, RO (current detector)=0.6Ω
Mute off voltage when VCC rises
Open mode with no load
Mute on voltage when VCC falls
Vref=0V, VIN=
−20dBV, f=1kHz
IO=100mA, VIN
2=5V, Total of upper side
and lower side ineffective voltage of output Tr
Difference in output voltage for
IO=400mA and IO=100mA
Not designed for radiation resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com