| Zakładka z wyszukiwarką danych komponentów |
|
BA7232FS Arkusz danych(PDF) 5 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA7232FS Arkusz danych(HTML) 5 Page - Rohm |
|
5 / 6 page ![]() 5 Multimedia ICs BA7232FS NT / PAL BFP Chroma phases burst B - Y R - Y burst burst B - Y B - Y R - Y R - Y •Circuit operation (1) SYNCIN is for composite synch input. During low input, the synchronization signal is output to YOUT, VOUT and SYNCOUT. (2) BFP is for burst flag pulse input. During low input, the burst signal is output to pins CO and VO. When the IC is set to PAL, it is this signal that directs the phase inversion of the chroma signals. This signal also con- trols the timing of the pedestal clamps of RIN, GIN and BIN. During low input, the pedestal levels of RIN, GIN and BIN are kept constant by charging an attached capacitor. (3) NT / PAL is the NTSC / PAL selector pin, and con- nects to VCC when set to NTSC and to GND when set to PAL. (4) SCIN is for color subcarrier input. Set input to a pulse wave or sine wave (3.579545MHz for NTSC and 4.433619MHz for PAL). (5) COUT and YOUT are for output of chroma signals and luminosity signals, respectively. Because the chro- ma signal and luminosity signals can be output sepa- rately, the IC can be adapted for S pins. Each has a 75 Ω driver. (6) VOUT is for color TV signal output, and has an internal 75 Ω driver. (7) ROUT, GOUT and BOUT are for analog RGB sig- nal output, and have an internal 75 Ω driver. The relationship between chroma phase and burst phase during PAL processing is as follows. |