| Zakładka z wyszukiwarką danych komponentów |
|
VI-J5VCM Arkusz danych(PDF) 2 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
VI-J5VCM Arkusz danych(HTML) 2 Page - Vicor Corporation |
|
2 / 2 page ![]() 12 1-800-735-6200 73 Converter Specifications (typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified) VI-J00 E-Grade VI-J00 C-, I-, M-Grade PARAMETER MIN. TYP. MAX. MIN. TYP. MAX. UNITS TEST CONDITIONS s Input Characteristics Inrush charge 60x10-6 60x10-6 100x10-6 Coulombs Nominal line Input reflected ripple current – pp 10% 10% IIN Nominal line, full load Input ripple rejection dB 120 Hz, nominal line dB 2400 Hz, nominal line No load power dissipation 1.35 2 1.35 2 Watts s Output Characteristics Setpoint accuracy 1.0% 2.0% 0.5% 1.0% VNOM Load/line regulation 0.5% 0.05% 0.2% VNOM LL to HL, 10% to Full Load Load/line regulation 1.0% 0.2% 0.5% VNOM LL to HL, No Load to 10% Output temperature drift 0.02 0.01 0.02 %/°C Over rated temperature Long term drift 0.02 0.02 %/1K hours Output ripple - pp: 2V, 3.3V 200 100 150 mV 20 MHz bandwidth 5V 5% 2% 3% 20 MHz bandwidth 10-48V 3% 0.75% 1.5% 20 MHz bandwidth Trim range1 50% 110% 50% 110% VNOM Total remote sense compensation 0.5 0.5 Volts 0.25V max. neg. leg Current limit 105% 135% 105% 125% INOM Automatic restart Short circuit current 105% 140% 105% 130% INOM s Control Pin Characteristics Gate out impedance 50 50 Ohms Gate in impedance 103 103 Ohms Gate in high threshold 6 6 Volts Use open collector Gate in low threshold 0.65 0.65 Volts Gate in low current 6 6 mA s Dielectric Withstand Characteristics Input to output 3,000 3,000 VRMS Baseplate earthed Output to baseplate 500 500 VRMS Input to baseplate 1,500 1,500 VRMS s Thermal Characteristics Efficiency 78-88% 80-90% Baseplate to sink 0.4 0.4 °C/Watt With Vicor P/N 04308 s Mechanical Specifications Weight 3.0 (85) 3.0 (85) Ounces (Grams) 110V, 12V and 15V outputs, standard trim range ±10%. Consult factory for wider trim range. For product compliance with agency standards please refer to pages 67 - 69. 25+20Log ( Vin ) Vout 30+20Log ( Vin ) Vout 20+20Log ( Vin ) Vout Rev 3 2 of 2 For the latest Vicor Product Information: www.vicorpower.com |