| Zakładka z wyszukiwarką danych komponentów |
|
SA9603CSA Arkusz danych(PDF) 8 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA9603CSA Arkusz danych(HTML) 8 Page - Sames |
|
8 / 18 page ![]() SA9603C sames 8/18 Dump register values: The content of the individual registers are transmitted sequentially, at the 'Dump' command. Transmission of the first register value will start with the completion of the current measurement cycle (Maximum 8 mains cycles). The sequence of the registers is always as follows: Mains voltage, mains frequency, reactive energy register followed by the active energy register value. By specifying the register in the DUMP command, register values are transmitted starting with the specified register and stopping with the active energy register. Commands for the frequency register Commands for the reactive energy integrator Commands for the active energy integrator START BIT D R -00832 DUMP RD/ RES RES RD DUMP RES RD RES RD STOP BIT ST A RT BIT DR- 0 08 33 RD/ RES DUM P RES RD DUM P RES RD RES RD ST OP BIT RD RD START BIT DR-0083 4 DUMP DUMP STOP BIT |