| Zakładka z wyszukiwarką danych komponentów |
|
KB8821 Arkusz danych(PDF) 12 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KB8821 Arkusz danych(HTML) 12 Page - Samsung semiconductor |
|
12 / 21 page ![]() PRELIMINARY SPECIFICATION (V1.5) FREQUENCY SYNTHESIZER KB8821/22/23 12 99-06-15 FUNCTIONAL DESCRIPTION- Continued Programmable Counter(N Counter) If the Control Bits are 10(IF) or 11(RF), data is transferred from the 20-bit shift register into the N-latch. N Counter consists of 7-bit swallow counter(A counter) and 11-bit main counter(B counter). Serial data format is shown below. ♦ 7-Bit Swallow Counter Division Ratio(A Counter) RF IF Division ratio : 0 to 127 Division ratio : 0 to 15 B ≥ A B ≥ A X = DON’T CARE condition ♦ 11-Bit Main Counter Division Ratio(B Counter) Division ratio : 3 to 2047 C1 C2 N 1 N 2 N 3 N 4 N 5 N 6 N 7 N 8 N 9 N 10 N 11 N 12 N 13 N 14 N 15 N 16 N 17 N 18 N 19 N 20 Division Ratio(A) N 7 N 6 N 5 N 4 N 3 N 2 N 1 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 1 • • • • • • • • 127 1 1 1 1 1 1 1 Division Ratio N 18 N 17 N 16 N 15 N 14 N 13 N 12 N 11 N 10 N 9 N 8 3 0 0 0 0 0 0 0 0 0 1 1 4 0 0 0 0 0 0 0 0 1 0 0 • • • • • • • • • • • • 2047 1 1 1 1 1 1 1 1 1 1 1 Division Ratio(A) N 7 N 6 N 5 N 4 N 3 N 2 N 1 0 X X X 0 0 0 0 1 X X X 0 0 0 1 • • • • • • • • 15 X X X 1 1 1 1 LSB MSB Division Ratio of the N Counter, N Control Bits Program Modes |