Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0709821008 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 0709821008
Szczegółowy opis  LFH??and TDP짰 Panel Mount Hex Screw Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0709821008 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  0709821008 Datasheet HTML 1Page - Molex Electronics Ltd. 0709821008 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0709821008
Status:
Active
Overview:
tdp_triad_differential_pair
Description:
LFH™ and TDP® Panel Mount Hex Screw Kit
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
70982
Application
Wire-to-Board
Comments
Includes (1) Hex Lock Screw, (1) Nylon Patch Hardware
Kit
Component Type
Hex Screw
Overview
tdp_triad_differential_pair
Product Name
LFH™, TDP®
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Gender
N/A
Keying to Mating Part
N/A
Lock to Mating Part
Yes
Material - Plating Mating
n/a
Number of Rows
0
Orientation
N/A
PCB Retention
N/A
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Polarized to Mating Part
N/A
Polarized to PCB
N/A
Termination Interface: Style
N/A
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
N/A
Grounding to Panel
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-70929-001
Sales Drawing
SD-70982-002
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70982Series
Use With
70660. 70665. 70928. 70929. 71624. 71626.
71475. 71478. 71718. 74960
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 0709821008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0709821002 MOLEX8-0709821002 Datasheet
84Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821003 MOLEX8-0709821003 Datasheet
87Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821004 MOLEX8-0709821004 Datasheet
87Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821005 MOLEX8-0709821005 Datasheet
84Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
More results

Podobny opis - 0709821008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0709821002 MOLEX8-0709821002 Datasheet
84Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821003 MOLEX8-0709821003 Datasheet
87Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821005 MOLEX8-0709821005 Datasheet
84Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821004 MOLEX8-0709821004 Datasheet
87Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
logo
Schurter Inc.
C22F SCHURTER-C22F Datasheet
796Kb / 4P
Panel Mount Screw-on from front side
logo
Adam Technologies, Inc.
HDW-043A ADAM-TECH-HDW-043A Datasheet
63Kb / 1P
SCREW LOCK KIT
HDW-045 ADAM-TECH-HDW-045 Datasheet
66Kb / 1P
SCREW LOCK KIT
logo
TE Connectivity Ltd
C-2213466 TEC-C-2213466 Datasheet
100Kb / 1P
PANEL MOUNT, HEX NUT NECTOR 3 POS
logo
Cooper Bussmann, Inc.
HPF COOPER-HPF Datasheet
55Kb / 1P
Panel-Mount Fuseholder with Screw-type Knob
logo
FIBOX Enclosing innovat...
8612024 FIBOX-8612024 Datasheet
46Kb / 1P
Swing Panel Kit incl. Panel
18.07.2023
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com