| Zakładka z wyszukiwarką danych komponentów |
|
MAX3232ECDBE4 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MAX3232ECDBE4 Arkusz danych(HTML) 3 Page - Texas Instruments |
|
3 / 19 page ![]() www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions (1) Electrical Characteristics (1) MAX3232E 3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION SLLS664A – AUGUST 2005 – REVISED APRIL 2007 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range(2) –0.3 6 V V+ Positive output supply voltage range(2) –0.3 7 V V– Negative output supply voltage range(2) 0.3 –7 V V+ – Supply voltage difference(2) 13 V V– Drivers –0.3 6 V VI Input voltage range Receivers –25 25 V Drivers –13.2 13.2 V VO Output voltage range Receivers –0.3 VCC + 0.3 V D package 73 DB package 82 θ JA Package thermal impedance(3)(4) °C/W DW package 57 PW package 108 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to network GND. (3) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (4) The package thermal impedance is calculated in accordance with JESD 51-7. See Figure 4 MIN NO MAX UNIT M VCC = 3.3 V 3 3.3 3.6 Supply voltage V VCC = 5 V 4.5 5 5.5 VCC = 3.3 V 2 5.5 VIH Driver high-level input voltage DIN V VCC = 5 V 2.4 5.5 VIL Driver low-level input voltage DIN 0 0.8 V VI Receiver input voltage –25 25 V MAX3232EC 0 70 TA Operating free-air temperature °C MAX3232EI –40 85 (1) Test conditions are C1–C4 = 0.1 µF at V CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V. over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4) PARAMETER TEST CONDITIONS MIN TYP(2) MAX UNIT ICC Supply current No load, VCC = 3.3 V or 5 V 0.3 1 mA (1) Test conditions are C1–C4 = 0.1 µF at V CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V. (2) All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C. 3 Submit Documentation Feedback |