| Zakładka z wyszukiwarką danych komponentów |
|
TUSB1106RSVR Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB1106RSVR Arkusz danych(HTML) 9 Page - Texas Instruments |
|
9 / 34 page ![]() www.ti.com Static Electrical Characteristics – Digital Pins TUSB1105, TUSB1106 ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS SCAS818D – MAY 2006 – REVISED FEBRUARY 2008 over recommended ranges of operating free-air temperature and supply voltage (unless otherwise noted) PARAMETER TEST CONDITIONS VCC(I/O) MIN MAX UNIT VIL LOW-level input voltage 1.65 V to 3.6 V 0.3 VCC(I/O) V VIH HIGH-level input voltage 1.65 V to 3.6 V 0.6 VCC(I/O) V IOL = 100 µA 0.15 1.65 V to 3.6 V IOL = 2 mA 0.4 IOL = 100 µA 0.15 1.8 V ± 0.15 V IOL = 2 mA 0.4 VOL LOW-level output voltage V IOL = 100 µA 0.15 2.5 V ± 0.2 V IOL = 2 mA 0.4 IOL = 100 µA 0.15 3.3 V ± 0.3 V IOL = 2 mA 0.4 IOH = 100 µA VCC(I/O) – 0.15 1.65 V to 3.6 V IOH = 2 mA VCC(I/O) – 0.4 IOH = 100 µA 1.5 1.8 V ± 0.15 V IOH = 2 mA 1.25 VOH HIGH-level output voltage V IOH = 100 µA 2.15 2.5 V ± 0.2 V IOH = 2 mA 1.9 IOH = 100 µA 2.85 3.3 V ± 0.3 V IOH = 2 mA 2.6 ILI Input leakage current –1 1 µA CIN Input capacitance Pin to GND 3.5 pF Copyright © 2006–2008, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TUSB1105 TUSB1106 |