Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431CLPR Arkusz danych(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Numer części TL431CLPR
Szczegółowy opis  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL431CLPR Arkusz danych(HTML) 51 Page - Texas Instruments

Back Button TL431CLPR Datasheet HTML 47Page - Texas Instruments TL431CLPR Datasheet HTML 48Page - Texas Instruments TL431CLPR Datasheet HTML 49Page - Texas Instruments TL431CLPR Datasheet HTML 50Page - Texas Instruments TL431CLPR Datasheet HTML 51Page - Texas Instruments TL431CLPR Datasheet HTML 52Page - Texas Instruments TL431CLPR Datasheet HTML 53Page - Texas Instruments TL431CLPR Datasheet HTML 54Page - Texas Instruments TL431CLPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Jun-2010
Addendum-Page 20
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TL432QDBZRG4
ACTIVE
SOT-23
DBZ
3
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Contact TI Distributor
or Sales Office
TL432QDBZT
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Contact TI Distributor
or Sales Office
TL432QDBZTG4
ACTIVE
SOT-23
DBZ
3
250
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Contact TI Distributor
or Sales Office
TL432QPK
ACTIVE
SOT-89
PK
3
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
Request Free Samples
TL432QPKG3
ACTIVE
SOT-89
PK
3
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
Request Free Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF TL431A, TL431B, TL432A, TL432B :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com