| Zakładka z wyszukiwarką danych komponentów |
|
R8C Arkusz danych(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C Arkusz danych(HTML) 25 Page - Renesas Technology Corp |
|
25 / 50 page ![]() REJ03B0320-0010 Rev.0.10 Page 25 of 47 Jul 12, 2010 R8C/3JT Group 4. Special Function Registers (SFRs) Under development Preliminary document Specifications in this document are tentative and subject to change. Table 4.13 ID Code Areas and Option Function Select Area Notes: 1. The option function select area is allocated in the flash memory, not in the SFRs. Set appropriate values as ROM data by a program. Do not write additions to the option function select area. If the block including the option function select area is erased, the option function select area is set to FFh. When blank products are shipped, the option function select area is set to FFh. It is set to the written value after written by the user. When factory-programming products are shipped, the value of the option function select area is the value programmed by the user. 2. The ID code areas are allocated in the flash memory, not in the SFRs. Set appropriate values as ROM data by a program. Do not write additions to the ID code areas. If the block including the ID code areas is erased, the ID code areas are set to FFh. When blank products are shipped, the ID code areas are set to FFh. They are set to the written value after written by the user. When factory-programming products are shipped, the value of the ID code areas is the value programmed by the user. Address Area Name Symbol After Reset : FFDBh Option Function Select Register 2 OFS2 (Note 1) : FFDFh ID1 (Note 2) : FFE3h ID2 (Note 2) : FFEBh ID3 (Note 2) : FFEFh ID4 (Note 2) : FFF3h ID5 (Note 2) : FFF7h ID6 (Note 2) : FFFBh ID7 (Note 2) : FFFFh Option Function Select Register OFS (Note 1) |