| Zakładka z wyszukiwarką danych komponentów |
|
R8CL35C Arkusz danych(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8CL35C Arkusz danych(HTML) 13 Page - Renesas Technology Corp |
|
13 / 75 page ![]() R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group 1. Overview REJ03B0293-0100 Rev.1.00 Page 13 of 72 Jun 25, 2010 Figure 1.7 Block Diagram of R8C/L38C Group Watchdog timer (14 bits) System clock generation circuit XIN-XOUT High-speed on-chip oscillator Low-speed on-chip oscillator XCIN-XCOUT RAM (2) Multiplier Timers Timer RA (8 bits × 1) Timer RB (8 bits × 1) Timer RC (16 bits × 1) Timer RD (16 bits × 2) Timer RE (8 bits × 1) Timer RG (16 bits × 1) R8C CPU core Memory R0H R0L R1H R2 R3 R1L A0 A1 FB SB USP ISP INTB PC FLG I/O ports Notes: 1. ROM capacity varies with MCU type. 2. RAM capacity varies with MCU type. A/D converter (10 bits × 16 channels) UART or clock synchronous serial I/O (8 bits × 3) I2C bus or SSU (8 bits × 1) LIN module 8 Port P0 8 Port P3 Port P4 8 Port P2 ROM (1) Peripheral functions LCD drive control circuit Common output: Max. 8 pins Segment output: Max. 48 pins D/A converter (8 bits × 2 channels) 8 4 4 8 8 Comparator B DTC 4 Port P1 8 Port P6 |