| Zakładka z wyszukiwarką danych komponentów |
|
TCM829ECT Arkusz danych(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM829ECT Arkusz danych(HTML) 5 Page - Microchip Technology |
|
5 / 26 page ![]() © 2010 Microchip Technology Inc. DS21488B-page 5 TCM828/TCM829 2.0 TYPICAL CHARACTERISTICS Note: Circuit of Figure 5-3, VIN = +5V, C1 = C2 = C3, TA = +25°C, unless otherwise noted. FIGURE 2-1: Output Resistance vs. Supply Voltage. FIGURE 2-2: Output Resistance vs. Temperature. FIGURE 2-3: TCM828 – Output Current vs. Capacitance. FIGURE 2-4: TCM829 – Output Current vs. Capacitance. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified- operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 60 50 40 30 20 0 10 1.5 2.5 3.5 4.5 SUPPLY VOLTAGE (V) 70 TCM829 TCM828 70 60 50 40 30 0 20 10 –40 °C 0 °C 25 °C85°C TEMPERATURE ( °C) 80 VIN = 1.5V VIN = 3.3V VIN = 5.0V 40 35 30 25 20 5 0 15 10 0 10 20 30 40 CAPACITANCE (µF) V IN = 4.75V, VOUT = – 4.0V V IN = 3.15V, VOUT = – 2.5V V IN = 1.9V, VOUT = –1.5V 35 30 25 20 5 0 15 10 0 10 5 15 20 25 35 30 CAPACITANCE (µF) 40 V IN = 4.75V, V – = – 4.0V V IN = 1.9V, VOUT = – 1.5V V IN = 3.15V, V – = – 2.5V |