| Zakładka z wyszukiwarką danych komponentów |
|
MCP9801A5-M/MS Arkusz danych(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9801A5-M/MS Arkusz danych(HTML) 39 Page - Microchip Technology |
|
39 / 42 page ![]() 2010 Microchip Technology Inc. DS21909C-page 39 MCP9800/1/2/3 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. –X /XX Package Temperature Range Device Device: MCP9800: Temperature Sensor MCP9801: Temperature Sensor MCP9802: Temperature Sensor MCP9803: Temperature Sensor A0 = Slave address set to ‘000’ A5 = Slave address set to ‘101’ Tape and Reel: = Blank T = Tape and Reel Temperature Range: M = -55C to +125C Package: OT = Plastic Small Outline Transistor (SOT-23), 5-lead MS = Plastic Micro Small Outline (MSOP), 8-lead SN = Plastic SOIC, (150 mil Body), 8-lead Examples: a) MCP9800A0T-M/OT Slave address ‘000’, Tape and Reel, -55 C to +125C, SOT-23 package. b) MCP9800A5T-M/OT Slave address ‘101’, Tape and Reel, -55 C to +125C, SOT-23 package. a) MCP9801-M/MS -55 C to +125C, 8LD MSOP package. b) MCP9801T-M/MS Tape and Reel, -55 C to +125 C, 8LD MSOP package. c) MCP9801-M/SN -55 C to +125C, 8LD SOIC package. d) MCP9801T-M/SN Tape and Reel, -55 C to +125 C, 8LD SOIC package. a) MCP9802A0T-M/OT Slave address ‘000’, Tape and Reel, -55 C to +125 C, SOT-23 package. b) MCP9802A5T-M/OT Slave address ‘101’, Tape and Reel, -55 C to +125 C, SOT-23 package. a) MCP9803-M/MS -55 C to +125C, 8LD MSOP package. b) MCP9803T-M/MS Tape and Reel, -55 C to +125 C, 8LD MSOP package. c) MCP9803-M/SN -55 C to +125C, 8LD SOIC package. d) MCP9803T-M/SN Tape and Reel, -55 C to +125 C, 8LD SOIC package. XX Slave Address X Tape & Reel |