| Zakładka z wyszukiwarką danych komponentów |
|
74LVC2G66DP Arkusz danych(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G66DP Arkusz danych(HTML) 21 Page - NXP Semiconductors |
|
21 / 26 page ![]() 74LVC2G66 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 5 — 16 June 2010 21 of 26 NXP Semiconductors 74LVC2G66 Bilateral switch Fig 29. Package outline SOT996-2 (XSON8U) REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA SOT996-2 - - - - - - SOT996-2 07-12-18 07-12-21 UNIT A max mm 0.5 0.05 0.00 0.35 0.15 3.1 2.9 0.5 1.5 0.5 0.3 0.6 0.4 0.1 0.05 A1 DIMENSIONS (mm are the original dimensions) XSON8U: plastic extremely thin small outline package; no leads; 8 terminals; UTLP based; body 3 x 2 x 0.5 mm 0 1 2 mm scale b D 2.1 1.9 E e e1 L L1 0.15 0.05 L2 v w 0.05 y y1 0.1 C y C y1 X b 14 85 e1 e A C B v M C w M L2 L1 L terminal 1 index area B A D E detail X A A1 |