| Zakładka z wyszukiwarką danych komponentów |
|
MCP6401RT-E/SL Arkusz danych(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6401RT-E/SL Arkusz danych(HTML) 20 Page - Microchip Technology |
|
20 / 38 page ![]() MCP6401/1R/1U/2/4 DS22229B-page 20 © 2010 Microchip Technology Inc. Package Marking Information (Continued) 14-Lead TSSOP ( MCP6404) Example: 14-Lead SOIC (150 mil) ( MCP6404) XXXXXXXXXX YYWWNNN XXXXXX YYWW NNN XXXXXXXXXX MCP6404 1025256 6404E/ST 1025 256 E/SL^^ 3 e Example: Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |