| Zakładka z wyszukiwarką danych komponentów |
|
PIC16LF720-MV/SS Arkusz danych(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-MV/SS Arkusz danych(HTML) 35 Page - Microchip Technology |
|
35 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 35 PIC16F/LF720/721 PCON 8Eh ---- --qq ---- --uu (1,5) ---- --uu T1GCON 8Fh 0000 0x00 uuuu uxuu uuuu uxuu OSCCON 90h --10 qq-- --10 qq-- --uu qq-- OSCTUNE 91h --00 0000 --uu uuuu --uu uuuu PR2 92h 1111 1111 1111 1111 uuuu uuuu SSPADD 93h 0000 0000 0000 0000 uuuu uuuu SSPMSK 93h 1111 1111 1111 1111 uuuu uuuu SSPSTAT 94h 0000 0000 0000 0000 uuuu uuuu WPUB 115h 1111 ---- 1111 ---- uuuu ---- WPUA 95h --11 1111 --11 1111 --uu uuuu IOCB 116h 0000 ---- 0000 ---- uuuu ---- IOCA 96h --00 0000 --00 0000 --uu uuuu TXSTA 98h 0000 -010 0000 -010 uuuu -uuu SPBRG 99h 0000 0000 0000 0000 uuuu uuuu FVRCON 9Dh q000 --00 q000 --00 uuuu --uu ADCON1 9Fh -000 ---- -000 ---- -uuu ---- PMDATL 10Ch xxxx xxxx xxxx xxxx uuuu uuuu PMADRL 10Dh 0000 0000 0000 0000 uuuu uuuu PMDATH 10Eh --xx xxxx --xx xxxx --uu uuuu PMADRH 10Fh ---0 0000 ---0 0000 ---u uuuu ANSELA 185h ---1 -111 ---1 -111 ---u -uuu ANSELB 186h --11 ---- --11 ---- --uu ---- ANSELC 187h 11-- 1111 11-- 1111 uu-- uuuu PMCON1 18Ch 1000 -000 1000 -000 1000 -000 TABLE 3-6: INITIALIZATION CONDITION FOR REGISTERS (CONTINUED) Register Address Power-on Reset/ Brown-out Reset(1) MCLR Reset/ WDT Reset Wake-up from Sleep through Interrupt/Time-out Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition. Note 1: If VDD goes too low, Power-on Reset will be activated and registers will be affected differently. 2: One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up). 3: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h). 4: See Table 3-8 for Reset value for specific condition. 5: If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u. |