| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331T-E/ML Arkusz danych(PDF) 286 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331T-E/ML Arkusz danych(HTML) 286 Page - Microchip Technology |
|
286 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 286 2010 Microchip Technology Inc. TABLE 24-2: PIC18FXXXX INSTRUCTION SET Mnemonic, Operands Description Cycles 16-Bit Instruction Word Status Affected Notes MSb LSb BYTE-ORIENTED FILE REGISTER OPERATIONS ADDWF ADDWFC ANDWF CLRF COMF CPFSEQ CPFSGT CPFSLT DECF DECFSZ DCFSNZ INCF INCFSZ INFSNZ IORWF MOVF MOVFF MOVWF MULWF NEGF RLCF RLNCF RRCF RRNCF SETF SUBFWB SUBWF SUBWFB SWAPF TSTFSZ XORWF f, d, a f, d, a f, d, a f, a f, d, a f, a f, a f, a f, d, a f, d, a f, d, a f, d, a f, d, a f, d, a f, d, a f, d, a fs, fd f, a f, a f, a f, d, a f, d, a f, d, a f, d, a f, a f, d, a f, d, a f, d, a f, d, a f, a f, d, a Add WREG and f Add WREG and Carry bit to f AND WREG with f Clear f Complement f Compare f with WREG, Skip = Compare f with WREG, Skip > Compare f with WREG, Skip < Decrement f Decrement f, Skip if 0 Decrement f, Skip if Not 0 Increment f Increment f, Skip if 0 Increment f, Skip if Not 0 Inclusive OR WREG with f Move f Move fs (source) to 1st word fd (destination) 2nd word Move WREG to f Multiply WREG with f Negate f Rotate Left f through Carry Rotate Left f (No Carry) Rotate Right f through Carry Rotate Right f (No Carry) Set f Subtract f from WREG with Borrow Subtract WREG from f Subtract WREG from f with Borrow Swap Nibbles in f Test f, Skip if 0 Exclusive OR WREG with f 1 1 1 1 1 1 (2 or 3) 1 (2 or 3) 1 (2 or 3) 1 1 (2 or 3) 1 (2 or 3) 1 1 (2 or 3) 1 (2 or 3) 1 1 2 1 1 1 1 1 1 1 1 1 1 1 1 1 (2 or 3) 1 0010 0010 0001 0110 0001 0110 0110 0110 0000 0010 0100 0010 0011 0100 0001 0101 1100 1111 0110 0000 0110 0011 0100 0011 0100 0110 0101 0101 0101 0011 0110 0001 01da 00da 01da 101a 11da 001a 010a 000a 01da 11da 11da 10da 11da 10da 00da 00da ffff ffff 111a 001a 110a 01da 01da 00da 00da 100a 01da 11da 10da 10da 011a 10da ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff C, DC, Z, OV, N C, DC, Z, OV, N Z, N Z Z, N None None None C, DC, Z, OV, N None None C, DC, Z, OV, N None None Z, N Z, N None None None C, DC, Z, OV, N C, Z, N Z, N C, Z, N Z, N None C, DC, Z, OV, N C, DC, Z, OV, N C, DC, Z, OV, N None None Z, N 1, 2 1, 2 1,2 2 1, 2 4 4 1, 2 1, 2, 3, 4 1, 2, 3, 4 1, 2 1, 2, 3, 4 4 1, 2 1, 2 1 1, 2 1, 2 1, 2 1, 2 4 1, 2 BIT-ORIENTED FILE REGISTER OPERATIONS BCF BSF BTFSC BTFSS BTG f, b, a f, b, a f, b, a f, b, a f, b, a Bit Clear f Bit Set f Bit Test f, Skip if Clear Bit Test f, Skip if Set Bit Toggle f 1 1 1 (2 or 3) 1 (2 or 3) 1 1001 1000 1011 1010 0111 bbba bbba bbba bbba bbba ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff None None None None None 1, 2 1, 2 3, 4 3, 4 1, 2 Note 1: When a PORT register is modified as a function of itself (e.g., MOVF PORTB, 1, 0), the value used will be that value present on the pins themselves. For example, if the data latch is ‘1’ for a pin configured as an input and is driven low by an external device, the data will be written back with a ‘0’. 2: If this instruction is executed on the TMR0 register (and, where applicable, d = 1), the prescaler will be cleared if assigned. 3: If the Program Counter (PC) is modified or a conditional test is true, the instruction requires two cycles. The second cycle is executed as a NOP. 4: Some instructions are 2-word instructions. The second word of these instructions will be executed as a NOP unless the first word of the instruction retrieves the information embedded in these 16 bits. This ensures that all program memory locations have a valid instruction. 5: If the table write starts the write cycle to internal memory, the write will continue until terminated. |