| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331T-E/ML Arkusz danych(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331T-E/ML Arkusz danych(HTML) 18 Page - Microchip Technology |
|
18 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 18 2010 Microchip Technology Inc. PORTC is a bidirectional I/O port. RC0/T1OSO/T1CKI RC0 T1OSO T1CKI 11 8 I/O O I ST — ST Digital I/O. Timer1 oscillator output. Timer1 external clock input. RC1/T1OSI/CCP2/FLTA RC1 T1OSI CCP2 FLTA 12 9 I/O I I/O I ST Analog ST ST Digital I/O. Timer1 oscillator input. Capture 2 input, Compare 2 output, PWM2 output. Fault interrupt input pin. RC2/CCP1 RC2 CCP1 13 10 I/O I/O ST ST Digital I/O. Capture 1 input/Compare 1 output/PWM1 output. RC3/T0CKI/T5CKI/INT0 RC3 T0CKI T5CKI INT0 14 11 I/O I I I ST ST ST ST Digital I/O. Timer0 alternate clock input. Timer5 alternate clock input. External Interrupt 0. RC4/INT1/SDI/SDA RC4 INT1 SDI SDA 15 12 I/O I I I/O ST ST ST I2C Digital I/O. External Interrupt 1. SPI data in. I2C™ data I/O. RC5/INT2/SCK/SCL RC5 INT2 SCK SCL 16 13 I/O I I/O I/O ST ST ST I2C Digital I/O. External Interrupt 2. Synchronous serial clock input/output for SPI mode. Synchronous serial clock input/output for I2C mode. RC6/TX/CK/SS RC6 TX CK SS 17 14 I/O O I/O I ST — ST TTL Digital I/O. EUSART asynchronous transmit. EUSART synchronous clock (see related RX/DT). SPI slave select input. RC7/RX/DT/SDO RC7 RX DT SDO 18 15 I/O I I/O O ST ST ST — Digital I/O. EUSART asynchronous receive. EUSART synchronous data (see related TX/CK). SPI data out. VSS 8, 19 5, 16 P — Ground reference for logic and I/O pins. VDD 7, 20 4, 17 P — Positive supply for logic and I/O pins. TABLE 1-2: PIC18F2331/2431 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description SPDIP, SOIC QFN Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power |