Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC18F4331T-E/ML Arkusz danych(PDF) 360 Page - Microchip Technology

Numer części PIC18F4331T-E/ML
Szczegółowy opis  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331T-E/ML Arkusz danych(HTML) 360 Page - Microchip Technology

Back Button PIC18F4331T-E/ML Datasheet HTML 356Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 357Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 358Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 359Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 360Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 361Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 362Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 363Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 364Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 360
 2010 Microchip Technology Inc.
FIGURE 26-17:
EUSART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 26-18: EUSART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 26-18:
EUSART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 26-19: EUSART SYNCHRONOUS RECEIVE REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
120
TckH2dtV SYNC XMIT (MASTER & SLAVE)
Clock High to Data Out Valid
PIC18FXX31
—
40
ns
PIC18LFXX31
—
100
ns
121
Tckrf
Clock Out Rise Time and Fall Time
(Master mode)
PIC18FXX31
—
20
ns
PIC18LFXX31
—
50
ns
122
Tdtrf
Data Out Rise Time and Fall Time
PIC18FXX31
—
20
ns
PIC18LFXX31
—
50
ns
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
125
TdtV2ckl
SYNC RCV (MASTER & SLAVE)
Data Hold before CK
 (DT hold time)
10
—
ns
126
TckL2dtl
Data Hold after CK
 (DT hold time)
15
—
ns
121
121
120
122
RC6/TX/CK/SS
RC7/RX/DT/SDO
Pin
Pin
125
126
RC6/TX/CK/SS
RC7/RX/DT/SDO
Pin
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More