| Zakładka z wyszukiwarką danych komponentów |
|
PIC18LF4331T-E/SP Arkusz danych(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331T-E/SP Arkusz danych(HTML) 25 Page - Microchip Technology |
|
25 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 25 PIC18F2331/2431/4331/4431 2.0 GUIDELINES FOR GETTING STARTED WITH PIC18F MICROCONTROLLERS 2.1 Basic Connection Requirements Getting started with the PIC18F2331/2431/4331/4431 family of 8-bit microcontrollers requires attention to a minimal set of device pin connections before proceeding with development. The following pins must always be connected: •All VDD and VSS pins (see Section 2.2 “Power Supply Pins”) •All AVDD and AVSS pins, regardless of whether or not the analog device features are used (see Section 2.2 “Power Supply Pins”) •MCLR pin (see Section 2.3 “Master Clear (MCLR) Pin”) These pins must also be connected if they are being used in the end application: • PGC/PGD pins used for In-Circuit Serial Programming™ (ICSP™) and debugging purposes (see Section 2.4 “ICSP Pins”) • OSCI and OSCO pins when an external oscillator source is used (see Section 2.5 “External Oscillator Pins”) Additionally, the following pins may be required: •VREF+/VREF- pins are used when external voltage reference for analog modules is implemented The minimum mandatory connections are shown in Figure 2-1. FIGURE 2-1: RECOMMENDED MINIMUM CONNECTIONS Note: The AVDD and AVSS pins must always be connected, regardless of whether any of the analog modules are being used. PIC18FXXXX VDD VSS VSS VDD C1 R1 VDD MCLR R2 C2(1) C3(1) C4(1) C5(1) C6(1) Key (all values are recommendations): C1 through C6: 0.1 µF, 20V ceramic R1: 10 kΩ R2: 100Ω to 470Ω Note 1: The example shown is for a PIC18F device with five VDD/VSS and AVDD/AVSS pairs. Other devices may have more or less pairs; adjust the number of decoupling capacitors appropriately. |