| Zakładka z wyszukiwarką danych komponentów |
|
PIC18LF4331-E/ML Arkusz danych(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331-E/ML Arkusz danych(HTML) 19 Page - Microchip Technology |
|
19 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 19 PIC18F2331/2431/4331/4431 TABLE 1-3: PIC18F4331/4431 PINOUT I/O DESCRIPTIONS Pin Name Pin Number Pin Type Buffer Type Description PDIP TQFP QFN MCLR/VPP/RE3 MCLR VPP RE3 118 18 I P I ST ST Master Clear (input) or programming voltage (input). Master Clear (Reset) input. This pin is an active-low Reset to the device. Programming voltage input. Digital input. Available only when MCLR is disabled. OSC1/CLKI/RA7 OSC1 CLKI RA7 13 30 32 I I I/O ST CMOS TTL Oscillator crystal or external clock input. Oscillator crystal input or external clock source input. ST buffer when configured in RC mode; CMOS otherwise. External clock source input. Always associated with pin function OSC1. (See related OSC1/CLKI, OSC2/CLKO pins.) General purpose I/O pin. OSC2/CLKO/RA6 OSC2 CLKO RA6 14 31 33 O O I/O — — TTL Oscillator crystal or clock output. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. In RC mode, OSC2 pin outputs CLKO, which has 1/4 the frequency of OSC1 and denotes the instruction cycle rate. General purpose I/O pin. Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin for SCK/SCL; RC7 is the alternate pin for SDO. 2: RD4 is the alternate pin for FLTA. 3: RD5 is the alternate pin for PWM4. |