| Zakładka z wyszukiwarką danych komponentów |
|
ST62T55CB3 Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T55CB3 Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 84 page ![]() 14/84 ST6255C ST6265C ST6265B 2 CENTRAL PROCESSING UNIT 2.1 INTRODUCTION The CPU Core of ST6 devices is independent of the I/O or Memory configuration. As such, it may be thought of as an independent central processor communicating with on-chip I/O, Memory and Pe- ripherals via internal address, data, and control buses. In-core communication is arranged as shown in Figure 6; the controller being externally linked to both the Reset and Oscillator circuits, while the core is linked to the dedicated on-chip pe- ripherals via the serial data bus and indirectly, for interrupt purposes, through the control registers. 2.2 CPU REGISTERS The ST6 Family CPU core features six registers and three pairs of flags available to the programmer. These are described in the following paragraphs. Accumulator (A). The accumulator is an 8-bit general purpose register used in all arithmetic cal- culations, logical operations, and data manipula- tions. The accumulator can be addressed in Data space as a RAM location at address FFh. Thus the ST6 can manipulate the accumulator just like any other register in Data space. Indirect Registers (X, Y). These two indirect reg- isters are used as pointers to memory locations in Data space. They are used in the register-indirect addressing mode. These registers can be ad- dressed in the data space as RAM locations at ad- dresses 80h (X) and 81h (Y). They can also be ac- cessed with the direct, short direct, or bit direct ad- dressing modes. Accordingly, the ST6 instruction set can use the indirect registers as any other reg- ister of the data space. Short Direct Registers (V, W). These two regis- ters are used to save a byte in short direct ad- dressing mode. They can be addressed in Data space as RAM locations at addresses 82h (V) and 83h (W). They can also be accessed using the di- rect and bit direct addressing modes. Thus, the ST6 instruction set can use the short direct regis- ters as any other register of the data space. Program Counter (PC). The program counter is a 12-bit register which contains the address of the next ROM location to be processed by the core. This ROM location may be an opcode, an oper- and, or the address of an operand. The 12-bit length allows the direct addressing of 4096 bytes in Program space. |