| Zakładka z wyszukiwarką danych komponentów |
|
ADR3425ARJZ-R2 Arkusz danych(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR3425ARJZ-R2 Arkusz danych(HTML) 1 Page - Analog Devices |
|
1 / 20 page ![]() Micropower, High Accuracy Voltage References ADR3425/ADR3450 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 © 2010 Analog Devices, Inc. All rights reserved. FEATURES Initial accuracy: ±0.1% (max) Maximum temperature coefficient: 8 ppm/°C Operating temperature range: −40°C to +125°C Output current: +10 mA source/−3 mA sink Low quiescent current: 100 μA (max) Low dropout voltage: 250 mV at 2 mA Output noise (0.1 Hz to 10 Hz): < 18 μV p-p at 2.5 V typ 6-lead SOT-23 package APPLICATIONS Precision data acquisition systems High resolution data converters Industrial instrumentation Medical devices Automotive controls Battery-powered devices PIN CONFIGURATION GND FORCE 1 GND SENSE 2 ENABLE 3 VOUT FORCE 6 VOUT SENSE 5 VIN 4 ADR3425/ ADR3450 TOP VIEW (Not to Scale) Figure 1. 6-Lead SOT-23 GENERAL DESCRIPTION The ADR3425/ADR3450 are low-cost, low-power, high precision CMOS voltage references, featuring ±0.1% initial accuracy, low operating current, and low output noise in a small SOT-23 package. For high accuracy, output voltage and temperature coefficient are trimmed digitally during final assembly using Analog Devices, Inc., patented DigiTrim® technology. Stability and system reliability are further improved by the low output voltage hysteresis of the device and low long-term output voltage drift. Furthermore, the low operating current of the device (100 μA maximum) facilitates usage in low-power devices, while its low output noise helps maintain signal integrity in critical signal processing systems. The ADR3425/ADR3450 are available in a wide range of output voltages, all of which are specified over the industrial temperature range of −40°C to +125°C. Table 1. Selection Guide Model Output Voltage (V) Input Voltage Range (V) ADR3425 2.500 2.7 to 5.5 ADR3450 5.000 5.2 to 5.5 Table 2. Voltage Reference Choices from Analog Devices VOUT (V) Low Cost/ Low Power Ultralow Power Low Noise High Voltage, High Performance 0.5/1.0 ADR130 2.048 ADR360 REF191 ADR430 ADR440 2.5 ADR3425 ADR291 ADR431 ADR03 AD1582 REF192 ADR441 AD780 ADR361 3.0 AD1583 REF193 ADR433 ADR06 ADR363 ADR443 AD780 3.3 ADR366 REF196 4.096 AD1584 ADR292 ADR434 ADR364 REF198 ADR444 5.0 ADR3450 ADR293 ADR435 ADR02 AD1585 REF195 ADR445 AD780 ADR365 AD586 10.0 ADR01 AD587 |
Podobny numer części - ADR3425ARJZ-R2 |
|
Podobny opis - ADR3425ARJZ-R2 |