| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F8723E/PTSQTP Arkusz danych(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F8723E/PTSQTP Arkusz danych(HTML) 23 Page - Microchip Technology |
|
23 / 60 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39894A-page 21 PIC18F8723 FAMILY PORTB is a bidirectional I/O port. PORTB can be software programmed for internal weak pull-ups on all inputs. RB0/INT0/FLT0 RB0 INT0 FLT0 58 I/O I I TTL ST ST Digital I/O. External interrupt 0. PWM Fault input for ECCPx. RB1/INT1 RB1 INT1 57 I/O I TTL ST Digital I/O. External interrupt 1. RB2/INT2 RB2 INT2 56 I/O I TTL ST Digital I/O. External interrupt 2. RB3/INT3/ECCP2/P2A RB3 INT3 ECCP2(1) P2A(1) 55 I/O I O O TTL ST — — Digital I/O. External interrupt 3. Enhanced Capture 2 input/Compare 2 output/ PWM2 output. ECCP2 PWM output A. RB4/KBI0 RB4 KBI0 54 I/O I TTL TTL Digital I/O. Interrupt-on-change pin. RB5/KBI1/PGM RB5 KBI1 PGM 53 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. Low-Voltage ICSP™ Programming enable pin. RB6/KBI2/PGC RB6 KBI2 PGC 52 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. In-Circuit Debugger and ICSP™ programming clock pin. RB7/KBI3/PGD RB7 KBI3 PGD 47 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. In-Circuit Debugger and ICSP programming data pin. TABLE 1-3: PIC18F8628/8723 (80-PIN) PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P= Power I2C™/SMB = I2C/SMBus input buffer Note 1: Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared (all operating modes except Microcontroller mode). 2: Default assignment for ECCP2 in all operating modes (CCP2MX is set). 3: Alternate assignment for ECCP2 when CCP2MX is cleared (Microcontroller mode only). 4: Default assignment for P1B/P1C/P3B/P3C (ECCPMX is set). 5: Alternate assignment for P1B/P1C/P3B/P3C (ECCPMX is clear). |