| Zakładka z wyszukiwarką danych komponentów |
|
SS22SDP2 Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SS22SDP2 Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 48 page ![]() www.ti.com ADS1274EVM-PDK Kit Operation Figure 19. ADS1274EVM-PDK Plug-In Display Window Step 3. The ADS1274EVM-PDK plug-in window has a status area at the top of the screen. When the plug-in is first loaded, the plug-in searches for the board. You will see a series of messages in the status area indicating this action. Step 4. If you have not yet loaded the operating system drivers, Windows will display the Windows Install New Driver Wizard sequence (illustrated in Figure 20 through Figure 24). Accept the default settings. Note: During the driver installation, a message may appear indicating the firmware load has TIMED OUT. Click OK and continue driver installation. The plug-in will attempt to download the firmware again once the driver installation completes. SBAU134A – August 2008 – Revised May 2009 ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK 21 Submit Documentation Feedback |