| Zakładka z wyszukiwarką danych komponentów |
|
L2724 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L2724 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() BLOCK DIAGRAM L2720 L2722 L2724 SCHEMATIC DIAGRAM (one section) ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VS Supply Voltage 28 V VS Peak Supply Voltage (50ms) 50 V Vi Input Voltage Vs Vi Differential Input Voltage ±Vs Io DC Output Current 1 A Ip Peak Output Current (non repetitive) 1.5 A Ptot Power Dissipation at Tamb = 80 oC (L2720), T amb = 50 oC (L2722) Tcase = 75 oC (L2720) Tcase = 50 oC (L2724) 1 5 10 W Tstg, Tj Storage and Junction Temperature –40 to 150 oC L2720/2/4 2/10 |