| Zakładka z wyszukiwarką danych komponentów |
|
L293D Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L293D Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 7 page ![]() ELECTRICAL CHARACTERISTICS (for each channel, VS = 24 V, VSS = 5 V, Tamb = 25 °C, unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit VS Supply Voltage (pin 10) VSS 36 V VSS Logic Supply Voltage (pin 20) 4.5 36 V IS Total Quiescent Supply Current (pin 10) Vi = L ; IO = 0 ; Ven = H 2 6 mA Vi = H ; IO = 0 ; Ven = H 16 24 mA Ven = L 4 mA ISS Total Quiescent Logic Supply Current (pin 20) Vi = L ; IO = 0 ; Ven = H 44 60 mA Vi = H ; IO = 0 ; Ven = H 16 22 mA Ven = L 16 24 mA VIL Input Low Voltage (pin 2, 9, 12, 19) – 0.3 1.5 V VIH Input High Voltage (pin 2, 9, 12, 19) VSS ≤ 7 V 2.3 VSS V VSS > 7 V 2.3 7 V IIL Low Voltage Input Current (pin 2, 9, 12, 19) VIL = 1.5 V – 10 µA IIH High Voltage Input Current (pin 2, 9, 12, 19) 2.3 V ≤ VIH ≤ VSS – 0.6 V 30 100 µA Ven L Enable Low Voltage (pin 1, 11) – 0.3 1.5 V Ven H Enable High Voltage (pin 1, 11) VSS ≤ 7 V 2.3 VSS V VSS > 7 V 2.3 7 V Ien L Low Voltage Enable Current (pin 1, 11) Ven L = 1.5 V – 30 – 100 µA Ien H High Voltage Enable Current (pin 1, 11) 2.3 V ≤ Ven H ≤ VSS – 0.6 V ± 10 µA VCE(sat)H Source Output Saturation Voltage (pins 3, 8, 13, 18) IO = – 0.6 A 1.4 1.8 V VCE(sat)L Sink Output Saturation Voltage (pins 3, 8, 13, 18) IO = + 0.6 A 1.2 1.8 V VF Clamp Diode Forward Voltage IO = 600nA 1.3 V tr Rise Time (*) 0.1 to 0.9 VO 250 ns tf Fall Time (*) 0.9 to 0.1 VO 250 ns ton Turn-on Delay (*) 0.5 Vi to 0.5 VO 750 ns toff Turn-off Delay (*) 0.5 Vi to 0.5 VO 200 ns (*) See fig. 1. L293D - L293DD 3/7 |