| Zakładka z wyszukiwarką danych komponentów |
|
LIS331DLHTR Arkusz danych(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS331DLHTR Arkusz danych(HTML) 35 Page - STMicroelectronics |
|
35 / 38 page ![]() LIS331DLH Register description Doc ID 15094 Rev 3 35/38 Interrupt 2 source register. Read only register. Reading at this address clears INT2_SRC IA bit (and the interrupt signal on INT 2 pin) and allows the refreshment of data in the INT2_SRC register if the latched option was chosen. 7.19 INT2_THS (36h) 7.20 INT2_DURATION (37h) D6 - D0 bits set the minimum duration of the Interrupt 2 event to be recognized. Duration time steps and maximum values depend on the ODR chosen. XH X high. Default value: 0 (0: no interrupt, 1: X high event has occurred) XL X Low. Default value: 0 (0: no interrupt, 1: X low event has occurred) Table 50. INT2_SRC description Table 51. INT2_THS register 0 THS6 THS5 THS4 THS3 THS2 THS1 THS0 Table 52. INT2_THS description THS6 - THS0 Interrupt 1 threshold. Default value: 000 0000 Table 53. INT2_DURATION register 0 D6D5D4 D3 D2D1 D0 Table 54. INT2_DURATION description D6 - D0 Duration value. Default value: 000 0000 |