| Zakładka z wyszukiwarką danych komponentów |
|
L78S05C Arkusz danych(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78S05C Arkusz danych(HTML) 17 Page - STMicroelectronics |
|
17 / 39 page ![]() L78Sxx, L78SxxC Electrical characteristics Doc ID 2148 Rev 4 17/39 Refer to the test circuits, TJ = 25 °C, VI = 15 V, IO = 500 mA, unless otherwise specified. Table 15. Electrical characteristics of L78S10C Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage 9.5 10 10.5 V VO Output voltage IO = 1 A, VI = 12.5 V 9.4 10 10.6 V ΔVO Line regulation VI = 12.5 to 30 V 200 mV VI = 14 to 22 V 100 ΔVO Load regulation IO = 20 mA to 1.5 A 240 mV IO = 2 A 150 IQ Quiescent current 8 mA ΔIQ Quiescent current change IO = 20 mA to 1 A 0.5 mA VI = 12.5 to 30 V, IO = 20 mA 1 ΔVO/ΔT Output voltage drift IO = 5 mA, TJ = 0 °C to 70 °C -1 mV/°C eN Output noise voltage B = 10 Hz to 100 kHz 65 µV SVR Supply voltage rejection f = 120 Hz 47 dB VI Operating input voltage IO ≤ 1 A 13 V RO Output resistance f = 1 kHz 17 m Ω Isc Short circuit current VI = 27 V 500 mA Iscp Short circuit peak current 3 A |