Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M95320-RDW6G/PC Arkusz danych(PDF) 17 Page - STMicroelectronics

Numer części M95320-RDW6G/PC
Szczegółowy opis  32 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RDW6G/PC Arkusz danych(HTML) 17 Page - STMicroelectronics

Back Button M95320-RDW6G/PC Datasheet HTML 13Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 14Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 15Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 16Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 17Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 18Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 19Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 20Page - STMicroelectronics M95320-RDW6G/PC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
M95320, M95320-W, M95320-R
Instructions
Doc ID 5711 Rev 12
17/44
6.2
Write Disable (WRDI)
One way of resetting the Write Enable Latch (WEL) bit is to send a Write Disable instruction
to the device.
As shown in Figure 8, to send this instruction to the device, Chip Select (S) is driven low,
and the bits of the instruction byte are shifted in, on Serial Data Input (D).
The device then enters a wait state. It waits for a the device to be deselected, by Chip Select
(S) being driven high.
The Write Enable Latch (WEL) bit, in fact, becomes reset by any of the following events:
●
Power-up
●
WRDI instruction execution
●
WRSR instruction completion
●
WRITE instruction completion.
Figure 8.
Write Disable (WRDI) sequence
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44