| Zakładka z wyszukiwarką danych komponentów |
|
571 Arkusz danych(PDF) 35 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
571 Arkusz danych(HTML) 35 Page - Intel Corporation |
|
35 / 96 page ![]() Datasheet 35 Package Mechanical Specifications 3 Package Mechanical Specifications The Pentium 4 processor in the 775-land package is packaged in a Flip-Chip Land Grid Array (FC-LGA4) package that interfaces with the motherboard via an LGA775 socket. The package consists of a processor core mounted on a substrate land-carrier. An integrated heat spreader (IHS) is attached to the package substrate and core and serves as the mating surface for processor component thermal solutions, such as a heatsink. Figure 3-1 shows a sketch of the processor package components and how they are assembled together. Refer to the LGA775 Socket Mechanical Design Guide for complete details on the LGA775 socket. The package components shown in Figure 3-1 include the following: • Integrated Heat Spreader (IHS) • Thermal Interface Material (TIM) • Processor core (die) • Package substrate • Capacitors NOTE: 1. Socket and motherboard are included for reference and are not part of processor package. 3.1 Package Mechanical Drawing The package mechanical drawings are shown in Figure 3-2 and Figure 3-4. The drawings include dimensions necessary to design a thermal solution for the processor. These dimensions include: • Package reference with tolerances (total height, length, width, etc.) • IHS parallelism and tilt • Land dimensions • Top-side and back-side component keep-out dimensions • Reference datums All drawing dimensions are in mm [in]. Note: Guidelines on potential IHS flatness variation with socket load plate actuation and installation of the cooling solution is available in the processor Thermal/Mechanical Design Guidelines. Figure 3-1. Processor Package Assembly Sketch IHS Substrate LGA775 Socket System Board Capacitors Core (die) TIM IHS Substrate LGA775 Socket System Board Capacitors Core (die) TIM |