Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IXP46X Arkusz danych(PDF) 57 Page - Intel Corporation

Numer części IXP46X
Szczegółowy opis  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Arkusz danych(HTML) 57 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 53Page - Intel Corporation IXP46X Datasheet HTML 54Page - Intel Corporation IXP46X Datasheet HTML 55Page - Intel Corporation IXP46X Datasheet HTML 56Page - Intel Corporation IXP46X Datasheet HTML 57Page - Intel Corporation IXP46X Datasheet HTML 58Page - Intel Corporation IXP46X Datasheet HTML 59Page - Intel Corporation IXP46X Datasheet HTML 60Page - Intel Corporation IXP46X Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
Package Information
August 2006
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet
57
Document Number: 306261-004US
UTP_IP_DATA[4] /
ETHA_RXDV
ZVI
VI
VI
I
UTOPIA Mode of Operation:
UTOPIA input data. Also known as RX_DATA.
Used by to the processor to receive data from an ATM UTOPIA Level 2-compliant PHY.
MII Mode of Operation:
Receive data valid, used to inform the MII interface that the Ethernet PHY is sending data.
This MAC does not contains hardware hashing capabilities local to the interface.
SMII mode of operation:
Not used.
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor. When this interface is disabled via the UTOPIA
and/or the NPE-A Ethernet soft fuse (refer to Expansion Bus Controller chapter of the Intel®
IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual) and is not
being used in a system design, this interface/signal is not required for any connection.
UTP_IP_DATA[5] /
ETHA_COL
ZVI
VI
VI
I
UTOPIA Mode of Operation:
UTOPIA input data. Also known as RX_DATA.
Used by the processor to receive data from an ATM UTOPIA Level 2-compliant PHY.
• When NPE A is configured in UTOPIA mode of operation and the signal is not being used, it
should be pulled high through a 10-KΩ resistor.
MII Mode of Operation:
Asserted by the PHY when a collision is detected by the PHY.
• When NPE A is configured in MII mode of operation and the signal is not being used, it should
be pulled low through a 10-KΩ resistor.
SMII Mode of Operation:
Not used.
• When NPE A is configured in SMII mode of operation, this signal must be pulled high through
a 10-KΩ resistor.
When this interface is disabled via the UTOPIA and/ or the NPE-A Ethernet soft fuse (refer to the
Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product Line of Network
Processors Developer’s Manual) and is not being used in a system design, this interface/signal is
not required for any connection.
Table 14.
UTOPIA Level 2/MII_A/ SMII Interface (Sheet 5 of 7)
Name
Power
on
Reset†
Reset†
Normal
After
Reset
Until
Software
Enables
Possible
Configur
ations
After
Software
Enables
Type†
Description
Note:
This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor,
see Table 1 on page 13.
†
For a legend of the Type codes, see Table 8 on page 43.
††
For information on selecting the desired interface, see the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More