Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RMB4S Arkusz danych(PDF) 2 Page - EIC discrete Semiconductors

Numer części RMB4S
Szczegółowy opis  Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EIC [EIC discrete Semiconductors]
Strona internetowa  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RMB4S Arkusz danych(HTML) 2 Page - EIC discrete Semiconductors

  RMB4S Datasheet HTML 1Page - EIC discrete Semiconductors RMB4S Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( RMB2S - RMB4S )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
PER BRIDGE ELEMENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
Page 2 of 2
Rev. 02 : March 24, 2005
0.8
0.6
0.4
0.2
1.0
10
1.0
28
0
35
0
21
14
7
1
80
0.1
0.01
10
0.1
100
140
0
20
40
60
120
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
TJ = 25°C
TJ = 125°C
0.01
100
Pulse Width = 300
µs
1% Duty Cycle
TJ = 25°C
Single Half Sine-Wave
(JEDEC Method)
Ta = 40°C
Resistive or Inductive Load
FORWARD VOLTAGE, VOLTS
0.4
0.5
0.6
0.7 0.8
0.9
1.0
1.1
Aluminum Substrate
Glass Epoxy
P.C.B.
1.2
1.3
1.4



Html Pages

1 2