| Zakładka z wyszukiwarką danych komponentów |
|
STM805L Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM805L Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 43 page ![]() Description STM690A/692A/703/704/802/805/817/818/819 8/43 Doc ID 10522 Rev 10 Figure 5. STM703/704/819 connections Figure 6. STM818 connections 1.1 Pin descriptions 1.1.1 MR A logic low on MR asserts the reset output. Reset remains asserted as long as MR is low and for trec after MR returns high. This active-low input has an internal pull-up. It can be driven from a TTL or CMOS logic line, or shorted to ground with a switch. Leave open if unused. 1.1.2 WDI If WDI remains high or low for 1.6 sec, the internal watchdog timer runs out and reset is triggered. The internal watchdog timer clears while reset is asserted or when WDI sees a rising or falling edge. The watchdog function can be disabled by allowing the WDI pin to float. 1.1.3 RST Pulses low for trec when triggered, and stays low whenever VCC is below the reset threshold or when MR is a logic low. It remains low for trec after either VCC rises above the reset threshold, the watchdog triggers a reset, or MR goes from low to high. 1.1.4 RST Pulses high for trec when triggered, and stays high whenever VCC is above the reset threshold or when MR is a logic high. It remains high for trec after either VCC falls below the reset threshold, the watchdog triggers a reset, or MR goes from high to low. 1 PFO PFI MR RST VCC VOUT VBAT VSS AI07890 SO8/TSSOP8 2 3 4 8 7 6 5 1 ECON E WDI RST VCC VOUT VBAT VSS AI07892 SO8/TSSOP8 2 3 4 8 7 6 5 |