| Zakładka z wyszukiwarką danych komponentów |
|
STM706DS6E Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM706DS6E Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 32 page ![]() STM705, STM706, STM707, STM708, STM813L Description Doc ID 10520 Rev 9 5/33 1 Description The STM705/706/707/708/813L supervisors are self-contained devices which provide microprocessor supervisory functions. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or high in the case of RST). These devices also offer a watchdog timer (except for STM707/708) as well as a power-fail comparator to provide the system with an early warning of impending power failure. These devices are available in a standard 8-pin SOIC package or a space-saving 8-pin TSSOP package. Figure 1. Logic diagram (STM705/706/813L) 1. For STM705/706 only. 2. For STM813L only. Figure 2. Logic diagram (STM707/708) AI08825 VCC STM705/706; STM813L VSS WDO RST (1) WDI PFI MR RST (2) PFO AI08826 VCC STM707/708 VSS RST RST MR PFI PFO |