| Zakładka z wyszukiwarką danych komponentów |
|
STM692ADS6F Arkusz danych(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM692ADS6F Arkusz danych(HTML) 31 Page - STMicroelectronics |
|
31 / 43 page ![]() STM690A/692A/703/704/802/805/817/818/819 Maximum ratings Doc ID 10522 Rev 10 31/43 4 Maximum ratings Stressing the device above the rating listed in the absolute maximum ratings table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 5. Absolute maximum ratings Symbol Parameter Value Unit TSTG Storage temperature (VCC off) –55 to 150 °C TSLD (1) 1. Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds. Lead solder temperature for 10 seconds 260 °C VIO Input or output voltage –0.3 to VCC +0.3 V VCC/VBAT Supply voltage –0.3 to 6.0 V IO Output current 20 mA PD Power dissipation 320 mW |