Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX7057 Arkusz danych(PDF) 6 Page - Maxim Integrated Products

Numer części MAX7057
Szczegółowy opis  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057 Arkusz danych(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7057 Datasheet HTML 2Page - Maxim Integrated Products MAX7057 Datasheet HTML 3Page - Maxim Integrated Products MAX7057 Datasheet HTML 4Page - Maxim Integrated Products MAX7057 Datasheet HTML 5Page - Maxim Integrated Products MAX7057 Datasheet HTML 6Page - Maxim Integrated Products MAX7057 Datasheet HTML 7Page - Maxim Integrated Products MAX7057 Datasheet HTML 8Page - Maxim Integrated Products MAX7057 Datasheet HTML 9Page - Maxim Integrated Products MAX7057 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(50Ω system impedance, AVDD = DVDD = PAVDD = +2.1V to +3.6V, fRF = 300MHz to 450MHz, TA = -40°C to +125°C, unless other-
wise noted. Typical values are at AVDD = DVDD = PAVDD = +2.7V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT AND OUTPUT POWER
vs. EXTERNAL RESISTOR
MAX7057 toc10
EXTERNAL RESISTOR (
Ω)
1000
100
10
1
2
4
6
8
9
1
3
5
7
0
-15
-10
-5
0
5
10
-25
-20
0.1
10,000
fRF = 315MHz
50% DUTY CYCLE
SUPPLY CURRENT
OUTPUT POWER
SUPPLY CURRENT AND OUTPUT POWER
vs. EXTERNAL RESISTOR
MAX7057 toc11
EXTERNAL RESISTOR (
Ω)
1000
100
10
1
2
4
6
8
10
14
12
0
-15
-10
-5
0
5
15
10
-25
-20
0.1
10,000
fRF = 433.92MHz
PA ON
SUPPLY CURRENT
OUTPUT POWER
SUPPLY CURRENT AND OUTPUT POWER
vs. EXTERNAL RESISTOR
MAX7057 toc12
EXTERNAL RESISTOR (
Ω)
1000
100
10
1
2
4
6
8
9
1
3
5
7
0
-15
-10
-5
0
5
10
-30
-20
0.1
10,000
fRF = 433.92MHz
50% DUTY CYCLE
SUPPLY CURRENT
OUTPUT POWER
-25
PHASE NOISE vs. OFFSET FREQUENCY
-60
-70
-80
-90
-100
-110
-120
-130
-140
100
10k
100k
1M
10M
1k
OFFSET FREQUENCY (Hz)
fRF = 315MHz
-50
-60
-70
-80
-90
-100
-110
-120
-130
100
10k
100k
1M
10M
1k
PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (Hz)
fRF = 433.92MHz
-60
-50
-55
-40
-45
-35
-30
2.1
3.6
REFERENCE SPUR MAGNITUDE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
2.4
3.0
3.3
fRF = 433.92MHz
fRF = 315MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com