| Zakładka z wyszukiwarką danych komponentów |
|
STE12PS Arkusz danych(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE12PS Arkusz danych(HTML) 26 Page - STMicroelectronics |
|
26 / 44 page ![]() Obsolete Product(s) - Obsolete Product(s) I2C interface STE12PS 26/44 4 I2C interface The STE12PS has an I2C interface to allow the access to the internal device registers. The external controller can be fully isolated from the Ethernet port thanks to an integrated 3.3V SMPS power source and using optocouplers on I2C bus.( Figure 13). Figure 13. Isolated ethernet power system using optocouplers for I2C interface SDAIN SDAOUT SCLIN DGND OPC 1 OPC 3 3.3V Digitalground SCL bus SDA bus Controller GND Controller VDD INTn INT bus OPC 2 OPC 4 SDAIN SDAOUT SCLIN DGND OPC 1 OPC 3 3.3V Digitalground STE12PS SCL bus SDA bus Controller GND Controller VDD INTn INT bus OPC 2 |