| Zakładka z wyszukiwarką danych komponentów |
|
STW4811NBHD/LF Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4811NBHD/LF Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 85 page ![]() STw4811M/STw4811N Ball information CD00131784 13/85 H10 CP AIO(VBUS) C plus flying capacitor (VBUS level 4.4 to 5.25) J10 CN AIO(VBUS) C minus flying capacitor (VBUS Level) G10 VBUS AIO(VBUS) USB cable supply (VBUS Level) F10 VUSB AIO Decoupling capacitor for USB internal regulator G9 USBSCL DI(VIO_VMEM) Clock for dedicated USB I2C H9 USBSDA DIO(VIO_VMEM) SDA for dedicated USB I2C H8 USBINTn DO(VIO_VMEM) Interrupt to multimedia processor for USB or accessory plug SD/MMC/SDIO balls G3 MCCMDDIR DI(VIO_VMEM) Pull down 1.5M Ω CMD direction. - “high”: CMD signal from processor to card - “Low”: CMD signal from card to processor K2 MCDAT0DIR DI(VIO_VMEM) Pull down 1.5M Ω DATA0 direction - “high”: DATA0 signal from processor to card - “Low”: DATA0 signal from card to processor K9 MCDAT2DIR DI(VIO_VMEM) Pull down 1.5M Ω DATA2 direction - “high”: DATA2 signal from processor to card - “Low”: DATA2 signal from card to processor H4 MCDAT31DIR DI(VIO_VMEM) Pull down 1.5M Ω DATA(3,1) direction - “high”: DATA(3,1) signal from processor to card - “Low”: DATA(3,1) signal from card to processor G2 MCCLK DI(VIO_VMEM) Pull Down 1.5M Ω Host clock, between processor and STw4811, to the card (processor clock). H5 MCFBCLK DO(VIO_VMEM) Host feedback clock between STw4811 and processor, to re-synchronize data in processor. H1 MCCMD DIO(VIO_VMEM) Pull Up 1.5M Ω Bidirectional command/response signal between processor and STw4811. K1 MCDATA0 DIO(VIO_VMEM) Pull Up1.5M Ω Bidirectional data0 between processor and STw4811 H2 H3 J1 MCDATA[3:1] DIO(VIO_VMEM) Pull up 1.5M Ω Bidirectional data [3:1] between processor and STw4811. F3 LATCHCLK DI(VMMC) Pull down 1.5M Ω Host feedback clock to STw4811, to re- synchronize data in processor. G1 CLKOUT DO(VMMC) Host clock, between STw4811 and card (processor clock). F2 CMDOUT DIO(VMMC) Pull up 1.5M Ω Bidirectional command/response signal between STw4811 and processor. Table 2. STw4811 balls function (continued) Ball Ball name Ball type Description General supplies |