Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST62T20CM6 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części ST62T20CM6
Szczegółowy opis  8-bit MCUs with A/D converter,two timers, oscillator safeguard & safe reset
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T20CM6 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button ST62T20CM6 Datasheet HTML 4Page - STMicroelectronics ST62T20CM6 Datasheet HTML 5Page - STMicroelectronics ST62T20CM6 Datasheet HTML 6Page - STMicroelectronics ST62T20CM6 Datasheet HTML 7Page - STMicroelectronics ST62T20CM6 Datasheet HTML 8Page - STMicroelectronics ST62T20CM6 Datasheet HTML 9Page - STMicroelectronics ST62T20CM6 Datasheet HTML 10Page - STMicroelectronics ST62T20CM6 Datasheet HTML 11Page - STMicroelectronics ST62T20CM6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
ST6208C/ST6209C/ST6210C/ST6220C
8/104
Legend / Abbreviations for Table 1:
* Depending on device. Please refer to Section 7 "I/O PORTS" on page 37.
I = input, O = output, S = supply, IPU = input with pull-up
The input with pull-up configuration (reset state) is valid as long as the user software does not change it.
Refer to Section 7 "I/O PORTS" on page 37 for more details on the software configuration of the I/O ports.
19
PA0/ 20mA Sink
I/O
Pin A0 (IPU)
20
VSS
S
Ground
Pin n°
Pin Name
Main Function
(after Reset)
Alternate Function
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More