| Zakładka z wyszukiwarką danych komponentów |
|
R8CL3AB Arkusz danych(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8CL3AB Arkusz danych(HTML) 3 Page - Renesas Technology Corp |
|
3 / 89 page ![]() REJ03B0243-0030 Rev.0.30 Jan 21, 2009 Page 1 of 76 R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group, R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group RENESAS MCU 1. Overview 1.1 Features The R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group, R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, and R8C/L3AB Group of single-chip MCUs incorporate the R8C CPU core, which implements a powerful instruction set for a high level of efficiency and supports a 1 Mbyte address space, allowing execution of instructions at high speed. In addition, the CPU core integrates a multiplier for high-speed operation processing. Power consumption is low, and the supported operating modes allow additional power control. These MCUs are designed to maximize EMI/EMS performance. Integration of many peripheral functions, including multifunction timer and serial interface, helps reduce the number of system components. The R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, and R8C/L3AA Group have data flash (1 KB × 4 blocks) with the background operation (BGO) function. 1.1.1 Applications Household appliances, office equipment, audio equipment, consumer products, etc. REJ03B0243-0030 Rev.0.30 Jan 21, 2009 PRELIMINARY Notice: This is not a final specification. Some parametric limits are subject to change. |