| Zakładka z wyszukiwarką danych komponentów |
|
STP90N4F3 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP90N4F3 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 16 page ![]() July 2009 Doc ID 14212 Rev 3 1/16 16 STD90N4F3, STI90N4F3 STP90N4F3, STU90N4F3 N-channel 40 V, 5.0 m Ω, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET™ III Power MOSFET Features ■ Standard threshold drive ■ 100% avalanche tested Application ■ Switching applications Description This STripFET™ III Power MOSFET technology is among the latest improvements, which have been especially tailored to minimize on-state resistance providing superior switching performances. Figure 1. Internal schematic diagram Type VDSS RDS(on) max ID Pw STD90N4F3 40 V < 5.8m Ω 80 A 110 W STI90N4F3 40 V < 6.2 m Ω 80 A 110 W STP90N4F3 40 V < 6.2 m Ω 80 A 110 W STU90N4F3 40 V < 6.2 m Ω 80 A 110 W 1 3 1 2 3 DPAK TO-220 3 2 1 IPAK 1 2 3 I²PAK Table 1. Device summary Order codes Marking Package Packaging STD90N4F3 90N4F3 DPAK Tape & reel STI90N4F3 90N4F3 I²PAK Tube STP90N4F3 90N4F3 TO-220 Tube STU90N4F3 90N4F3 IPAK Tube www.st.com |
Podobny numer części - STP90N4F3 |
|
Podobny opis - STP90N4F3 |